Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 3Page - STMicroelectronics STC3105 Datasheet HTML 4Page - STMicroelectronics STC3105 Datasheet HTML 5Page - STMicroelectronics STC3105 Datasheet HTML 6Page - STMicroelectronics STC3105 Datasheet HTML 7Page - STMicroelectronics STC3105 Datasheet HTML 8Page - STMicroelectronics STC3105 Datasheet HTML 9Page - STMicroelectronics STC3105 Datasheet HTML 10Page - STMicroelectronics STC3105 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STC3105
Electrical characteristics
Doc ID 022198 Rev 1
7/23
Battery voltage measurement
Vin_adc
Input voltage range
0
5
V
LSB
LSB value
2.44
mV
ADC_time
AD conversion time
250
ms
Volt_acc
Battery voltage measurement accuracy 2.7 V<Vin<4.5 V, VCC=Vin
-0.5
+0.5
%
Digital I/O pins (SCL, SDA, ALM)
Vih
Input logic high
1.2
V
Vil
Input logic low
0.35
V
Vol
Output logic low (SDA, ALM)
Iol = 4 mA
0.4
V
Table 4.
Electrical characteristics (2.7 V < VCC < 4.5 V, -20 ° C to 70 ° C) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com