Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 15Page - STMicroelectronics STC3105 Datasheet HTML 16Page - STMicroelectronics STC3105 Datasheet HTML 17Page - STMicroelectronics STC3105 Datasheet HTML 18Page - STMicroelectronics STC3105 Datasheet HTML 19Page - STMicroelectronics STC3105 Datasheet HTML 20Page - STMicroelectronics STC3105 Datasheet HTML 21Page - STMicroelectronics STC3105 Datasheet HTML 22Page - STMicroelectronics STC3105 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package information
STC3105
20/23
Doc ID 022198 Rev 1
Figure 11.
Recommended land pattern
Table 13.
TDFN8 3 x 2 x 0.75 mm package mechanical data (pitch 0.65 mm)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.000
0.002
b
0.25
0.30
0.35
0.010
0.012
0.014
D
2.90
3.00
3.10
0.114
0.118
0.122
E
1.90
2.00
2.10
0.075
0.079
0.083
e
0.65
0.026
L
0.45
0.55
0.65
0.018
0.022
0.026
L1
0.55
0.65
0.75
0.022
0.026
0.030
GAPMSMD00034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com