Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 13Page - STMicroelectronics STC3105 Datasheet HTML 14Page - STMicroelectronics STC3105 Datasheet HTML 15Page - STMicroelectronics STC3105 Datasheet HTML 16Page - STMicroelectronics STC3105 Datasheet HTML 17Page - STMicroelectronics STC3105 Datasheet HTML 18Page - STMicroelectronics STC3105 Datasheet HTML 19Page - STMicroelectronics STC3105 Datasheet HTML 20Page - STMicroelectronics STC3105 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
STC3105
I2C interface
Doc ID 022198 Rev 1
17/23
The charge data is coded in 2’s complement format, and the LSB value is 6.70 uV.h.
The battery current is coded in 2’s complement format, and the LSB value is 11.77 uV.
The battery voltage is coded in binary format, and the LSB value is 2.44 mV.
Table 11.
REG_MODE - address 0
Name
Pos.
Type
Def.
Description
0
Unused
1
R/W
0
Reserved. Write this bit to 0.
PWR_SAVE
2
R/W
0
0: active mode, 1: power-saving mode
ALM_ENA
3
R/W
0
Alarm function: 0: disabled, 1: enabled
GG_RUN
4
R/W
0
0: standby mode. Accumulator and counter
registers are frozen, gas gauge and battery
monitor functions are in standby.
1: operating mode.
[7..5]
Unused
Table 12.
REG_CTRL - address 1
Name
Pos.
Type
Def.
Description
IO0DATA
0
RX
ALM pin status:
0 = ALM input is low, 1 = ALM input is high
W1
ALM pin output drive:
0 = ALM is forced low, 1 = ALM is driven by the
alarm conditions
GG_RST
1
W
0
0: no effect
1: resets the charge accumulator and conversion
counter. GG_RST is a self-clearing bit.
GG_EOC
2
R
0
Set at the end of a battery current conversion
cycle. Clears upon reading.
VM_EOC
3
R
0
Set at the end of a battery voltage conversion
cycle. Clears upon reading.
PORDET
4
R1
Power on reset (POR) detection bit:
0 = no POR event occurred,
1 = POR event occurred
W0
Soft reset:
0 = release the soft-reset and clear the POR
detection bit, 1 = assert the soft-reset and set the
POR detection bit.
ALM_SOC
5
R/W
0
Set by a low-SOC condition. Cleared by writing 0.
ALM_VOLT
6
R/W
0
Set by a low-voltage condition. Cleared by writing
0.
7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com