Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 7Page - STMicroelectronics STC3105 Datasheet HTML 8Page - STMicroelectronics STC3105 Datasheet HTML 9Page - STMicroelectronics STC3105 Datasheet HTML 10Page - STMicroelectronics STC3105 Datasheet HTML 11Page - STMicroelectronics STC3105 Datasheet HTML 12Page - STMicroelectronics STC3105 Datasheet HTML 13Page - STMicroelectronics STC3105 Datasheet HTML 14Page - STMicroelectronics STC3105 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STC3105
Functional description
Doc ID 022198 Rev 1
11/23
6.4
Coulomb counter
The coulomb counter is used to track the state-of-charge of the battery when the battery is
charging or discharging at a high rate. Each result of current conversion is accumulated into
a 28-bit accumulator. The upper 16 bits of the accumulator are added to the SOC base
register to provide the current state-of-charge (SOC) in the charge register. The system
controller can control the coulomb counter, set the SOC base register value and read the
charge register through the I2C control registers.
Figure 4.
Coulomb counter block diagram
When using an external 30 m
Ω sense resistor, the 28-bit accumulator results in a coulomb
counter capacity of approximately +/- 7300 mA.h. The upper 16 bits used for the charge
register give a resolution of 0.2 mA.h.
6.5
Alarm output
The ALM pin provides an alarm signal in case of low battery condition. The output is an
open drain, and an external pull-up resistor may be needed in the application. Writing the
IO0DATA bit to 0 forces the ALM output low; writing the IO0DATA bit to 1 lets the ALM output
reflect the battery condition. Reading the IO0DATA bit gives the state of the ALM pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com