Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3105 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STC3105
Description  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STC3105 Datasheet HTML 6Page - STMicroelectronics STC3105 Datasheet HTML 7Page - STMicroelectronics STC3105 Datasheet HTML 8Page - STMicroelectronics STC3105 Datasheet HTML 9Page - STMicroelectronics STC3105 Datasheet HTML 10Page - STMicroelectronics STC3105 Datasheet HTML 11Page - STMicroelectronics STC3105 Datasheet HTML 12Page - STMicroelectronics STC3105 Datasheet HTML 13Page - STMicroelectronics STC3105 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Functional description
STC3105
10/23
Doc ID 022198 Rev 1
6
Functional description
6.1
Battery monitoring functions and operating modes
The monitoring functions include the measurement of the battery voltage and battery
current. A coulomb counter is used to track the state-of-charge when the battery is charging
or is discharging at a high rate. A 14-bit sigma-delta A/D converter is used to measure both
the voltage and current.
The STC3105 can operate in two modes with different power consumption. The selection is
made by the PWR_SAVE bit in the register 0 (Refer to
Table 11 on page 17 for register 0
definition).
In power-saving mode, the current is measured only half of the time. This saves about half of
the power consumption.
In active mode, the current is continuously measured (except for one conversion cycle used
every 4 seconds for the voltage measurement). This provides the highest accuracy from the
coulomb counter.
When the battery voltage falls below the undervoltage lockout threshold of 2.7 V, the
monitoring functions are stopped and the STC3105 stays in power-down mode with
minimum quiescent current. All registers are maintained down to 2.0 V. Below 2.0 V, the
registers are reset to their default power-on values.
By writing 0 to the GG_RUN bit in register 0, the STC3105 measurement is automatically
stopped and the register values are frozen and unchanged. After the GG_RUN bit is again
set to 1, the STC3105 continues to measure from the point it was stopped.
6.2
Battery voltage monitoring
The battery voltage is measured by using one conversion cycle of the A/D converter every 4
seconds.
The conversion cycle takes 213 = 8192 clock cycles. Using the 32768 Hz internal clock, the
conversion cycle time is 250 ms.
The voltage range is 0 to 5 V, and the resolution is 2.44 mV. The accuracy of the voltage
measurement is ±0.5% over the temperature range. This allows accurate state-of-charge
information from the battery open-circuit voltage.
6.3
Current sensing
The voltage drop across the sense resistor is integrated during a conversion period and
input to the 14-bit sigma-delta A/D converter.
Using the 32768 Hz internal clock, the conversion cycle time is 500 ms for a 14-bit
resolution. The LSB value is 11.77 µV. The A/D converter output is in two’s complement
format.
When a conversion cycle is completed, the result is added to the coulomb counter
accumulator and the number of conversions is incremented in a 16-bit counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com