Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RHT02
Description  Digital relative humidity & temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RHT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 2 -
Humidity hysteresis
+-0.5%RH
Long-term Stability
+-0.5%RH/year
Interchangeability
fully interchangeable
4. Dimensions of RHT02's PCB board(unit----mm) and wiring diagram:
Pin
Function
1
VDD----power supply , red wire
2
DATA--signal, yellow wire
3
GND, black wire
4
Null
5. Electrical connection diagram:
6. Operating specifications:
(1) Power and Pins
Power's voltage should be 3.3-6V DC. When power is supplied to sensor, don't send any instruction to the sensor
within one second to pass unstable status. One capacitor valued 100nF can be added between VDD and GND for
wave filtering.
(2) Communication and signal
MaxDetect 1-wire bus is used for communication between MCU and RHT02. ( MaxDetect 1-wire bus is
specially designed by MaxDetect Technology Co., Ltd. , it's different from Maxim/Dallas 1-wire bus, so it's
incompatible with Dallas 1-wire bus.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com