Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT02 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RHT02
Description  Digital relative humidity & temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT02 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RHT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 4 -
------------------------------------------------------------------------------------------------------------------------------------
1) Step 1: MCU send out start signal to RHT02 and RHT02 send response signal to MCU
Data-bus's free status is high voltage level. When communication between MCU and RHT02 begins, MCU
will pull low data-bus and this process must beyond at least 1~10ms to ensure RHT02 could detect MCU's signal,
then MCU will pulls up and wait 20-40us for RHT02's response.
When RHT02 detect the start signal, RHT02 will pull low the bus 80us as response signal, then RHT02 pulls
up 80us for preparation to send data. See below figure:
------------------------------------------------------------------------------------------------------------------------------------
2). Step 2: RHT02 send data to MCU
When RHT02 is sending data to MCU, every bit's transmission begin with low-voltage-level that last 50us, the
following high-voltage-level signal's length decide the bit is "1" or "0". See below figures:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com