Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RHT02
Description  Digital relative humidity & temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RHT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 5 -
Attention:
If signal from RHT02 is always high-voltage-level, it means RHT02 is not working properly, please check
the electrical connection status.
7. Electrical Characteristics:
Items
Condition
Min
Typical
Max
Unit
Power supply
DC
3.3
5
6
V
Measuring
1
1.2
1.5
mA
Current supply
Stand-by
40
Null
50
uA
Collecting
period
Second
2
Second
8. Attentions of application:
(1) Operating and storage conditions
We don't recommend the applying RH-range beyond the range stated in this specification. The RHT02 sensor
can recover after working in abnormal operating condition to calibrated status, but will accelerate sensors' aging.
(2) Attentions to chemical materials
Vapor from chemical materials may interfere RHT02's sensitive-elements and debase RHT02's sensitivity.
(3) Disposal when (1) & (2) happens
Step one: Keep the RHT02 sensor at condition of Temperature 50~60Celsius, humidity <10%RH for 2 hours;
Step two: After step one, keep the RHT02 sensor at condition of Temperature 20~30Celsius, humidity
>70%RH for 5 hours.
(4) Attention to temperature's affection
Relative humidity strongly depend on temperature, that is why we use temperature compensation technology
to ensure accurate measurement of RH. But it's still be much better to keep the sensor at same temperature when



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com