Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RHT02
Description  Digital relative humidity & temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RHT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 3 -
Illustration of MaxDetect 1-wire bus:
DATA=16 bits RH data+16 bits Temperature data+8 bits check-sum
Example: MCU has received 40 bits data from RHT02 as
0000 0010 1000 1100
0000 0001 0101 1111
1110 1110
16 bits RH data
16 bits T data
check sum
Here we convert 16 bits RH data from binary system to decimal system,
0000 0010 1000 1100 → 652
Binary system
Decimal system
RH=652/10=65.2%RH
Here we convert 16 bits T data from binary system to decimal system,
0000 0001 0101 1111 → 351
Binary system
Decimal system
T=351/10=35.1℃
When highest bit of temperature is 1, it means the temperature is below 0 degree Celsius.
Example: 1000 0000 0110 0101, T= minus 10.1℃
16 bits T data
Sum=0000 0010+1000 1100+0000 0001+0101 1111=1110 1110
Check-sum=the last 8 bits of Sum=1110 1110
When MCU send start signal, RHT02 change from standby-status to running-status. When MCU finishs sending
the start signal, RHT02 will send response signal of 40-bit data that reflect the relative humidity and temperature
to MCU. Without start signal from MCU, RHT02 will not give response signal to MCU. One start signal for one
response data from RHT02 that reflect the relative humidity and temperature. RHT02 will change to standby
status when data collecting finished if it don't receive start signal from MCU again.
See below figure for overall communication process, the interval of whole process must beyond 2 seconds.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com