Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHT02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RHT02
Description  Digital relative humidity & temperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RHT02 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 5Page - List of Unclassifed Manufacturers RHT02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 1 -
Digital relative humidity & temperature sensor RHT02
1. Feature & Application:
*High precision
*Capacitive type
*Full range temperature compensated
*Relative humidity and temperature measurement
*Calibrated digital signal
*Outstanding long-term stability
*Extra components not needed
*Long transmission distance, up to 100 meters
*Low power consumption
2. Description:
RHT02 output calibrated digital signal. It applys exclusive digital-signal-collecting-technique and humidity
sensing technology, assuring its reliability and stability. Its sensing elements is connected with 8-bit single-chip
computer.
Every sensor of this model is temperature compensated and calibrated in accurate calibration chamber and the
calibration-coefficient is saved in type of programme in OTP memory, when the sensor is detecting, it will cite
coefficient from memory.
Small size & low consumption & long transmission distance(100m) enable RHT02 to be suited in all kinds of
harsh application occasions.
3. Technical Specification:
Model
RHT02
Power supply
3.3-6V DC
Output signal
digital signal via MaxDetect 1-wire bus
Sensing element
Polymer humidity capacitor
Operating range
humidity 0-100%RH;
temperature -40~80Celsius
Accuracy
humidity +-3%RH(Max +-5%RH);
temperature +-0.5Celsius
Resolution or sensitivity humidity 0.1%RH;
temperature 0.1Celsius
Repeatability
humidity +-1%RH;
temperature +-0.3Celsius


Similar Part No. - RHT02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
logo
Nichicon corporation
RHT0J102MDN1 NICHICON-RHT0J102MDN1 Datasheet
674Kb / 2P
High Temperature
More results

Similar Description - RHT02

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D Datasheet
586Kb / 20P
Digital Relative Humidity sensor with Temperature output
logo
STMicroelectronics
HTS221 STMICROELECTRONICS-HTS221 Datasheet
748Kb / 33P
Capacitive digital sensor for relative humidity and temperature
30-Aug-2016
logo
List of Unclassifed Man...
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
Digital-output relative humidity & temperature sensor/module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com