Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q573 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
FEDL22Q553-02
ML22Q553
The DAG1,0 bits are used to set the gain of the internal DAC signal.
The AIG1,0 bits are used to set the gain
of an analog signal from the AIN pin.
DAG1,0 and AIG1,0 are only enabled when the speaker amplifier is
used.
DAG1
DAG0
Volume
0
0
Input OFF
0
1
Input ON (–6 dB)
1
0
Input ON (0 dB) (initial value)
1
1
Input ON (0 dB) (Setting prohibited)
AIG1
AIG0
Volume
0
0
Input OFF (initial value)
0
1
Input ON (–6 dB)
1
0
Input ON (0 dB)
1
1
Input ON (0 dB) (Setting prohibited)
Input the analog signal from the AIN pin after the AMODE command (CBUSYB=”H”).
The DAEN bit takes power-up and power-down control of the DAC section.
DAEN
Status of the DAC section
0
Power-down state (initial value)
1
Power-up state
The SPEN bit takes power-up and power-down control of the speaker section.
When the SPEN bit = “0”, the SPP pin is configured as a LINE output.
SPEN
Status of the speaker section
0
Power-down state (initial value)
1
Power-up state
Relationship between DAEN, SPEN, and POP signals and the analog section
DAEN
SPEN
POP
Mode
Status
At speaker output
Power-down (initial value)
0
0
0
At LINE output
Power-down (without pop noise
suppression)
At speaker output
Power-down
0
0
1
At LINE output
Power-down (with pop noise
suppression)
―
1
―
Speaker output
DAC/speaker power-up
1
0
0
LINE output
DAC power-up (without pop noise
suppression)
1
0
1
LINE output
DAC power-up (with pop noise
suppression)
Pin status during power down
The status of each output pin during power down by the AMODE command is shown below.
Analog output pin
State
VDDL
DGND
VDDR
DGND
SG
DGND
SPM
Hi-Z
SPP
DGND
32/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com