Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q573 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
FEDL22Q553-02
ML22Q553
3. AVOL command
command
0
0
0
0
1
0
0
0
1st byte
0
0
AV5
AV4
AV3
AV2
AV1
AV0
2nd byte
The AVOL command is used to adjust the volume of the speaker amplifier.
It is possible to input the AVOL
command regardless of the status of the NCR signal.
The command enables 50-level adjustment of volume, as shown in the table below.
When the PUP or AMODE
command is input, the value set by the AVOL command is initialized (0 dB).
AV5–0
Volume
AV5–0
Volume
3F
+12dB
1F
−8.0
3E
+11.5
1E
−9.0
3D
+11.0
1D
−10.0
3C
+10.5
1C
−11.0
3B
+10.0
1B
−12.0
3A
+9.5
1A
−13.0
39
+9.0
19
−14.0
38
+8.5
18
−16.0
37
+8.0
17
−18.0
36
+7.5
16
−20.0
35
+7.0
15
−22.0
34
+6.5
14
−24.0
33
+6.0
11
−26.0
32
+5.5
12
−28.0
31
+5.0
11
−30.0
30
+4.5
10
−32.0
2F
+4.0
0F
−34.0
2E
+3.5
0E
OFF
2D
+3.0
0D
OFF
2C
+2.5
0C
OFF
2B
+2.0
0B
OFF
2A
+1.5
0A
OFF
29
+1.0
09
OFF
28
+0.5
08
OFF
27
+0.0 (initial value)
07
OFF
26
−1.0
06
OFF
25
−2.0
05
OFF
24
−3.0
04
OFF
23
−4.0
03
OFF
22
−5.0
00
OFF
21
−6.0
01
OFF
20
−7.0
00
OFF
33/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com