Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q573 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
FEDL22Q553-02
ML22Q553
Analog Section Characteristics
DVDD = SPVDD = 4.5 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +105°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AIN input resistance
RAIN
Input gain: 0 dB
10
20
30
k
Ω
AIN input voltage range
VAIN
—
—
SPVDD×
2/3
Vp-p
Line output resistance
RLA
At 1/2SPVDD output
—
—
100
Ω
LINE output load
resistance
RLA
At SPGND10kΩ load
10
—
—
k
Ω
LINE output voltage range
VAO
At SPGND10kΩ load
SPVDD /6
—
SPVDD×
5/6
V
SG output voltage
VSG
—
0.95x
SPVDD /2
SPVDD /2
1.05x
SPVDD /2
V
SG output resistance
RSG
—
57
96
135
k
Ω
SPM, SPP output load
resistance
RLSP
—
6
8
—
Ω
Speaker amplifier output
power
PSPO
SPVDD = 5.0V, f = 1 kHz
RSPO = 8Ω, THD≦ 10%
800
1000
—
mW
Output offset voltage
between SPM and SPP
with no signal present
VOF
SPIN–SPM gain = 0 dB
With a load of 8
Ω
−50
—
+50
mV
Regulator output voltage
VDDL
VDDR
Output load current =
−35 mA
2.25
2.5
2.75
V
9/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com