Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q573 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
FEDL22Q553-02
ML22Q553
ELECTRICAL CHARACTERISTICS
DC Characteristics
DVDD = SPVDD = 4.5 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +105°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
—
0.8
×DVDD
—
DVDD
V
“L” input voltage
VIL
—
0
—
0.2
×DVDD
V
“H” output voltage 1
VOH1
IOH = −1 mA
DVDD−0.4
—
—
V
“H” output voltage 2 (*1)
VOH2
IOH = −50 µA
DVDD−0.4
—
—
V
“L” output voltage 1
VOL1
IOL = 2 mA
—
—
0.4
V
IOOH
VOH = DVDD (CSB=“H”)
—
—
10
µA
Output leakage
current(*2)
IOOL
VOL = DGND (CSB=“H”)
−10
—
—
µA
“L” output voltage 2 (*1)
VOL2
IOL = 50 µA
—
—
0.4
V
“H” input current 1
IIH1
VIH = DVDD
—
—
10
µA
“H” input current 2 (*3)
IIH2
VIH = DVDD
0.8
5
20
µA
“H” input current 3 (*4)
IIH3
VIH = DVDD
20
100
400
µA
“L” input current 1
IIL1
VIL = DGND
–10
—
—
µA
“L” input current 2 (*3)
IIL2
VIL = DGND
–20
−5.0
−0.8
µA
“L” input current 3 (*5)
IIL3
VIL = DGND
–400
–100
–20
µA
Supply current during
playback 1
IDD1
fOSC = 4.096 MHz
fs=48kHz, f=1kHz,
When 16bitPCM
Playback
No output load
—
—
55
mA
Supply current during
playback 3
IDD3
fOSC = 4.096 MHz
During silence playback
No output load
—
—
48
mA
Ta =
−40 to +55°C
—
—
50
µA
Power-down supply
current (*6)
IDDS1
Ta =
−40 to +105°C
—
—
100
µA
*1: Applies to the XTB pin.
*2: Applies to the SO and TESTO pins.
*3: Applies to the XT pin.
*4: Applies to the TESTI0 and TESTI1 pins.
*5: Applies to the RESETB, TEST2, TEST3 and TEST4 pins.
*6: Applies to the ML22Q553.
8/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com