Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q573 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ML22Q573
Description  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
FEDL22Q553-02
ML22Q553
8. START command
command
0
1
0
1
CH3
CH2
CH1
CH0
The START command is a channel synchronization start (i.e., starts phrase playback on multiple channels
simultaenously) command.
It is necessary to specify playback phrases using the FADR command before
inputting the START command.
Setting any bit(s) from CH0 to CH3 to “1” starts playback on the
corresponding channel(s). Input the START command with each NCR set to a ”H” level.
The figure below shows the timing when starting playback on channel 00 and channel 1 simultaneously.
Channel settings
Channel
CH0
Setting this bit to “1” starts playback on channel 0.
CH1
Setting this bit to “1” starts playback on channel 1.
CH2
Setting this bit to “1” starts playback on channel 2.
CH3
Setting this bit to “1” starts playback on channel 3.
Be sure to set the channel setting bits( CH0-CH3).
NCR0
NCR1
BUSYB0
BUSYB1
SPP output
Awaiting
command
Status
Playing
Awaiting
command
Address is
being controlled
(internal)
CSB
SCK
SI
(internal)
(internal)
(internal)
CBUSYB
START command
tcB2
39/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com