Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC-2 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.specotech.com • 1-800-645-5516
WeatherproofPagingHornSpeakers
28
NOTE: SPC-40RT shown, but features are indicative of entire line
1 Available in 4 Ohm,
8 Ohm or with
70V Transformer
2 Typical frequency
response from 150,
200 or 300 Hz to 15kHz
3 Available from
15-75 Watts max.
4 Made from
Aluminum or
ABS plastic
5 2 Year Warranty
from date of purchase
6 Weatherproof
Construction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com