Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC-2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
MicrophoneAccessories
25
CANNON CONNECTOR 3 PIN
MALE
• Low Impedance MIC Cable
• XLR (Cannon) Connectors
• Lead and Cadmium free insulation, exceeds all government standards.
• Lifetime warranty
• 2 Sections 5’ Max
• Cast iron base with
chrome plated steel tube
MSR-5
MCA-10, MCA-20
ROUND BASE MIC STAND
3’, 10’, 15’, 20’ HIGH PERFORMANCE MIC CABLES
• 2 Sections 5’ Max
• Cast iron base with
chrome plated steel tube
MSD-5
5” MIC DESK STAND WITH
CAST IRON BASE
10 AMP EXTRA HEAVY DUTY
HOT LINE FILTER
MAD-11F
FEMALE FLANGE ADAPTER
MALE FLANGE ADAPTER
MAD-12M
HLF-10
• 1-3/4” base dia.
• 5/8” female threaded
for gooseneck mounting
• 1-3/4” base dia.
• 5/8” male threaded
for gooseneck mounting
MIC ADAPTER
MIC STAND DESKTOP TRIPOD
UNIVERSAL MIC STAND
ADAPTER
MSA-1
• Fits most
hand held
microphones
• Fits most hand
held microphones
• Clamp on style
for wider
hand held microphones
MSA-2
• 5” High tripod
with microphone adapter MST-1
MBM-3
CANNON CONNECTOR 3 PIN
FEMALE
MPC-3
MPC-2
DYNAMIC BOOM MICROPHONE WITH HEADPHONE
• Adjustable headband boom microphone
• Use with camcorder, VCR, etc.
• 250-Ohms, 200 - 4 kHz
• 5’ cord with 3.5mm mini plug for microphone and 3.5mm mini plug for headphone
• Balanced (TRS) plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com