Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPC-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
17
12” BLACK POLYRESIN LAMINATED CONE WOOFER
10” BLACK POLY RESIN LAMINATED WOOFER CONE
8” WALL BAFFLES WITH TRANSFORMER
AND LEVEL CONTROL
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
MiscellaneousSpeakers/Grilles&WallBaffles
8” BLACK POLY RESIN LAMINATED WOOFER
• 1.5” high temperature aluminum voice coil
• 40 oz magnet structure weight
• 100W RMS/150W max
• 8 Ohms impedance
• Frequency response: 34 - 4.5kHz
• Sensitivity (1W/1M): 94 dB
• Sold individually
• 1.5” high temperature aluminum voice coil
• 60 oz magnet structure weight
• 150W RMS/200W max
• 8 Ohms impedance
• Frequency response: 30 - 4.5kHz
• Sensitivity ( 1W/1M): 95dB
Sold individually
G1275PW
• 1.5” high temperature aluminum voice coil
• 75 oz magnet structure weight
• 190W RMS/250W max
• 8 Ohms impedance
• Freq. response: 25 - 4.5kHz
• Sensitivity (1W/1M): 96dB
• Sold individually
• Deluxe sloped front walnut grained vinyl clad wall baffle
• Solid wood construction
• G8CF6W 8” 6 oz. dual cone speaker
• 70V line transformer,
level control & built-in terminal strip
for wattage selection up to 10W
• For 25V line, order WB8-6D-25
• Black cloth grille
• 10”H x 10”W - Top 5”, bottom 3”D
• Sold individually
G850PW
SOUND COLUMNS SUITABLE FOR
INDOOR/OUTDOOR COMMERCIAL APPLICATIONS
WB8-6D
G1070PW
8” DUAL CONE SPEAKER
12” STEEL CEILING GRILLE
12” STEEL CEILING GRILLE
• 8” grille with EZ mounting tabs
for dry wall installations
• Sold in pairs
G12WD
• Heavy duty white enamel 12” steel
ceiling grille for 8”speakers with hardware
• (20/Master Carton)
SP-8G
White weatherproof aluminum housings
• Sound pressure level.: 94 dB (1W/M)
20W Version
• 20W RMS/40W maximum output
• Built-in transformer for
25V, 70V constant voltage
• Six position rotary dial to adjust sound power
• Five 2.5" speakers
• Tap settings: 20W, 10W, 5W, 2.5W
• 3"L x 4.125”W x 24.375"H
• Sold individually
40W Version
• 40W RMS/60W maximum output
• Tap settings: 20W, 40W
• Four 6.5" speakers
• 5"L x 9"W x 36"H
• Sold individually
20W
SC-20T
40W
SC-40T


Similar Part No. - MPC-2

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
MPC-2070 MOXA-MPC-2070 Datasheet
1Mb / 5P
7-inch industrial fanless panel computers
MPC-2070-E2-LB-T MOXA-MPC-2070-E2-LB-T Datasheet
1Mb / 5P
7-inch industrial fanless panel computers
MPC-2070-E2-LB-T-W7E MOXA-MPC-2070-E2-LB-T-W7E Datasheet
1Mb / 5P
7-inch industrial fanless panel computers
MPC-2070-E2-T MOXA-MPC-2070-E2-T Datasheet
1Mb / 5P
7-inch industrial fanless panel computers
MPC-2070-E2-T-W7E MOXA-MPC-2070-E2-T-W7E Datasheet
1Mb / 5P
7-inch industrial fanless panel computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com