Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC-2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
23
PERFORMANCE HANDHELD
DYNAMIC MICROPHONE
• Dynamic
• Uni-Directional
• Zinc-die Casting Housing
• Weather-Resistant Cartridge
for Outdoor Use
• 40Hz-16kHz
• 600-Ohms impedance
• Sensitivity: -52dB±3dB
• 3 Pin XLR Male Connector
• On/Off Switch
• 20 ft., XLR MIC Cable Included
• Carrying Case
PROFESSIONAL TABLETOP
CONFERENCE MICROPHONE
• Back Electret Condenser
• Uni-directional
• Flexible Gooseneck
• Easy Touch On/Off Button
• Blue LED On/Off Indicator
• 50Hz-16kHz
• 500-Ohms impedance
• Sensitivity: -37dB±3dB
• XLR 3 Pin Male Connector
• Two AA Batteries Included
• 20 ft., XLR MIC Cable Included
• 9V-52V DC Phantom or 1.5V Battery
• Windscreen Sponge over MIC
INDUSTRIAL GOOSENECK
MICROPHONE
• Dynamic
• Uni-directional
• On/Off Switch on MIC Head
• Flexible Gooseneck
• 80Hz-16kHz
• 500-Ohms impedance
• Sensitivity: -54dB±3dB
• XLR 3 Pin Male Connector
MCHH-100
MCHM-300
MCBM-300
PHANTOM POWER ADAPTERS FOR CONDENSER MICROPHONES
48V DC phantom power supply is designed for condenser microphones.
• Male XLR mic output connector • Female XLR mic input connector • 110/0V 60/50Hz
• 5ft. AC power cord included
MCPP-100
HANDHELD DYNAMIC
MICROPHONE
• Dynamic
• Uni-Directional
• 50Hz-16kHz
• 700-Ohms impedance
• Sensitivity: -54dB±3dB
• 3 Pin XLR Male Connector
• On/Off Switch
• 20 ft., XLR MIC
Cable Included
• Carrying Case
MCHH-200
MCHH-300
PROFESSIONAL
CONDENSER
MICROPHONE
• Back Electret Condenser
• Uni-directional
• Zinc-die Casting Housing
• Ideal for Clear Reproduction
of Natural Sound
• 50Hz-18kHz
• 600-Ohms impedance
• Sensitivity:-45dB±3dB
• Max. Input SPL: 130dB
(at 1kHz
≥
1% T.H.D)
• S/N Ratio:
≥
70dB
• Phantom Power Requirement:
9V-52V DC phantom or
1.5V Battery
TABLETOP CONFERENCE
MICROPHONE
• Back Electret Condenser
• Uni-directional
• Flexible Gooseneck
• Easy Touch On/Off Button
• Blue LED On/Off Indicator
• 100Hz-16kHz
• 500-Ohms impedance
• Sensitivity: -38dB±3dB
• XLR 3 Pin Male Connector
• Two AA Batteries Included
• 20 ft., XLR MIC Cable Included
• Windscreen Sponge over MIC
MCDT-200
MCDT-300
MCGN-100
PROFESSIONAL
GOOSENECK MICROPHONE
• Back Electret Condenser
• Uni-directional
• Blue LED On/Off Indicator
• Flexible Gooseneck
• Windscreen Sponge over MIC
• 50Hz-16kHz
• 1000-Ohms impedance
• Sensitivity: -45dB±3dB
• Three Wire Connection
• 9V-52V DC Phantom
Power Required
MCGN-300
PROFESSIONAL
HANGING MICROPHONE
• Back Electret Condenser
• Uni-directional
• Spring Neck Included
• 50Hz-16kHz
• 250-Ohms impedance
• Sensitivity: -37dB±3dB
• XLR 3 Pin Male Connector
• 9V-52V DC Phantom Power Required
• 20 ft. cable included
PROFESSIONAL
BOUNDARY MICROPHONE
• Back Electret Condenser
• Uni-directional
• Stealth Design
• 20 feet, XLR
Cable Included
• 60Hz-16kHz
• 250-Ohms impedance
• Sensitivity: -36dB±3dB
• 9V-52V DC Phantom Power Required
• Mute Feature
www.specotech.com • 1-800-645-5516
Indoor/OutdoorSpeakers
WiredMicrophones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com