Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC-2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # MPC-2
Description  MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPC-2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button MPC-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers MPC-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
30
www.specotech.com • 1-800-645-5516
Weatherproof8-OhmPAHornSpeakers
Freq resp . . . . . . . .130 - 15 kHz
Power rating . . . .40W nom/75W max
Sensitivity . . . . . .120 dB/1W/1M
Impedance . . . . . . 8 Ohms
Size . . . . . . . . . . . .15”Dia x 13”L
SPC-30
WEATHERPROOF 15” ALUMINUM PA SPEAKER
8” x 12” ALUMINUM
PA SPEAKER WEATHERPROOF
WEATHERPROOF 12” ALUMINUM PA SPEAKER
4” x 6” WHITE ABS PA SPEAKER WEATHERPROOF
SPC-12RP
Freq resp . . . . . . 200 - 15 kHz
Power rating . . . 15W nom/30W max
Sensitivity . . . . . 110 dB/1W/1M
Impedance . . . . 8 Ohm
Freq resp . . . . . . . .150 - 15 kHz
Power rating . . . . .30W nom/65W max
Sensitivity . . . . . . .110 dB/1W/1M
Impedance . . . . . . . 8 Ohm
Size . . . . . . . . . . . . .12”Dia x 12”L
SPC-20R
Freq resp . . . . . . . .150 - 15 kHz
Power rating . . . . .30W nom/65W max
Sensitivity . . . . . . .110 dB/1W/1M
Impedance
. . . . . . 8 Ohms
Size . . . . . . . . . . . . .12”Dia x 12”L
SPC-20
WEATHERPROOF 5” WHITE ABS PA SPEAKER
WITH METAL BASE
WEATHERPROOF 5” ALUMINUM PA SPEAKER
SPC-6P
Freq Resp . . . . . . . . . . 300-15 kHz
Power Rating . . . . . . .15W max
Sensitivity . . . . . . . . . . 105dB/1W/1M
Impedance . . . . . . . . . 8 Ohms
Size . . . . . . . . . . . . . . . 5”Dia x 5”L
Freq Resp . . . . . . . . . . 300-15 kHz
Power Rating . . . . . . .15W max
Sensitivity . . . . . . . . . 105dB/1W/1M
Impedance . . . . . . . . . 8 Ohms
Size . . . . . . . . . . . . . . . 5”Dia x 5”L
SPC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com