Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60B2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP30N60B2
Description  Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60B2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGP 30N60B2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 24 A; V
CE = 10 V,
18
26
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
1500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
115
pF
C
res
40
pF
Q
g
66
nC
Q
ge
I
C = 24 A, VGE = 15 V, VCE = 300 V
9
nC
Q
gc
22
nC
t
d(on)
13
ns
t
ri
15
ns
t
d(off)
110
200
ns
t
fi
82
150
ns
E
off
0.32
0.6 mJ
t
d(on)
13
ns
t
ri
17
ns
E
on
0.22
mJ
t
d(off)
200
ns
t
fi
150
ns
E
off
0.9
mJ
R
thJC
0.65 K/W
R
thCH
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 24 A, VGE = 15 V
V
CE = 400 V, RG = 5 Ω
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com