Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60B2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP30N60B2
Description  Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60B2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE = VCES
T
J = 25°C50
µA
V
GE = 0 V
T
J = 150°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= 24 A, V
GE = 15 V
T
J = 25°C
1.8
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
(limited by leads)
70
A
I
C110
T
C = 110°C30
A
I
CM
T
C = 25°C, 1 ms
150
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 60
A
(RBSOA)
Clamped inductive load @
≤ 600 V
P
C
T
C = 25°C
190
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
1.13/10Nm/lb.in.
Weight
4g
DS99167(04/04)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
Medium frequency IGBT
Square RBSOA
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
V
CES
= 600 V
I
C25
=
70 A
V
CE(sat)
< 1.8 V
t
fi typ
=
82 ns
HiPerFASTTM IGBT
Optimized for 10-25 KHz hard
switching and up to 150 KHz
resonant switching
IXGP 30N60B2
Advance Technical Data
TO-220 (I
XSP)
G C
E
C (TAB)


Similar Part No. - IXGP30N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60B4D1 IXYS-IXGP30N60B4D1 Datasheet
87Kb / 2P
High-Speed PT Trench IGBT
More results

Similar Description - IXGP30N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60B2 IXYS-IXGH60N60B2 Datasheet
579Kb / 5P
Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
IXYS Corporation
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
IGBT Optimized for switching up to 35 KHz
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
Infineon Technologies A...
IKD03N60RF INFINEON-IKD03N60RF_16 Datasheet
1Mb / 16P
TRENCHSTOPTM RC-Series for hard switching applications up to 30 kHz
Rev.2.6,2016-05-10
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
Optimized for hard switching speed
10-Jun-15
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
IXYS Corporation
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
Optimized for Switching up to 5 kHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com