Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60B2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGP30N60B2
Description  Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60B2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGP30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25 deg. C
0
50
100
150
200
250
300
0
2
4
6
8
10
12
14
16
18
V
C E - V olts
VGE = 15V
5V
7V
9V
11V
13V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
5
10
15
20
25
30
35
40
45
50
0.5
1
1.5
2
2.5
3
V
CE - V olts
VGE = 15V
13V
11V
5V
7V
9V
Fig. 1. Output Characteristics
@ 25 Deg. C
0
5
10
15
20
25
30
35
40
45
50
0.511.5
22.5
3
V
C E - Volts
VGE = 15V
13V
11V
7V
5V
9V
Fig. 4. Dependence of V
CE(sat) on
Tem perature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
IC = 24A
IC = 12A
V
GE = 15V
IC = 48A
Fig. 5. Collector-to-Em itter Voltage
vs. Gate-to-Em itter voltage
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
56789
10 11 12 13 14 15 16 17
V
G E - Volts
TJ = 25ºC
IC = 48A
24A
12A
Fig. 6. Input Adm ittance
0
25
50
75
100
125
150
175
200
225
250
45
678
9
10
11
12
13
V
G E - V olts
TJ = -40ºC
25ºC
125ºC
IXGP 30N60B2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com