Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60B2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGP30N60B2
Description  Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60B2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGP30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGP 30N60B2
IXYS MOSFETs and IGBTs are covered by one or more
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
6,404,065B1 6,162,665
6,534,343
6,583,505
of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
6,259,123B1 6,306,728B1 6,683,344
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100 125 150 175 200 225 250
I
C - Amperes
TJ = -40ºC
25ºC
125ºC
Fig. 8. Dependence of Turn-Off
Energy on R
G
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
102030
40
506070
80
R
G - Ohms
IC = 12A
TJ = 125ºC
VGE = 15V
VCE = 400V
IC = 24A
IC = 48A
Fig. 9. Dependence of Turn-Off
Energy on I
C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
10
15
20
25
30
35
40
45
50
I
C - A mperes
RG = 5Ω
VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 10. Dependence of Turn-Off
Energy on Tem perature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 48A
RG = 5Ω
VGE = 15V
VCE = 400V
IC = 24A
IC = 12A
Fig. 11. Dependence of Turn-Off
Sw itching Tim e on R
G
100
200
300
400
500
600
700
0
10
2030
40
506070
80
R
G - Ohms
IC = 24A
t
d(off)
t
fi - - - - - -
TJ = 125ºC
VGE = 15V
VCE = 400V
IC = 12A
IC = 48A
Fig. 12. Dependence of Turn-Off
Sw itching Tim e on I
C
60
80
100
120
140
160
180
200
220
240
260
10
15
20
25
30
35
40
45
50
I
C - Amperes
t
d(off)
t
fi
- - - - - -
RG = 5Ω
VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com