Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60B2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGP30N60B2
Description  Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60B2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGP30N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP30N60B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 14. Gate Charge
0
3
6
9
12
15
0
102030
40506070
Q
G - nanoCoulombs
VCE = 300V
IC = 24A
IG = 10mA
Fig. 15. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V
C E - V olts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. Dependence of Turn-Off
Sw itching Tim e on Tem perature
80
100
120
140
160
180
200
220
25
35
45
55
65
75
85
95
105 115 125
T
J - Degrees Centigrade
IC = 12A
24A
48A
t
d(off)
t
fi - - - - - -
RG = 5Ω
VGE = 15V
VCE = 400V
IC = 48A
24A
12A
Fig. 16. Maxim um Transient Therm al Resistance
0.1
1.0
1
10
100
1000
Pulse Width - milliseconds
0.5
IXGP 30N60B2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com