Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LT10.7MS2
Description  This specification shall cover the characteristics of the ceramic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LT10.7MS2 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LT10.7MS2 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
2
3.4 STRUCTURE
Component
Material
Lead Wore
Solder plating copper wire
Mold Resin
epoxy resin
Solder
High-melting solder (No Pb)
Ceramic Substrate
Lead
titanate-zirconate
Over coating
Clear Epoxy Resin
4. RATING AND ELECTRICAL SPECIFICATIONS:
4.1 RATING
Items
Content
Withstand DC Voltage
max
50V 1minute
Applied DC voltage max
10V
Operating temperature
-20℃~80℃
Temp. Coefficient of Frequency
(%)
max
±0.5(Center Frequency
drift,
-20℃~80℃)
Storage temperature range
-40℃~80℃
L e a d W i r e
Solder
Ceramic
Substrate
M o l d R e s i n
O v e r c o a t i n g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com