Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # LT10.7MS2
Description  This specification shall cover the characteristics of the ceramic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LT10.7MS2 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  LT10.7MS2 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
4
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No
Item
Condition of Test
Performance
Requirements
6.1
Humidity
Subject the filter at (60 ± 2) ℃
and
90%~95% R.H. for 100 hours, filter shall be
measured after being placed in natural
conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.2
High
Temperature
Exposure
Subject the filter to (85 ± 5) ℃ for 100
hours, filter shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.3
Low
Temperature
Exposure
Subject the filter to (–-40±5)℃ for 100 hours,
filter shall be measured after being placed in
natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.4
Thermal
shock
After temperature cycling of blow table was
performed 5 times, filter shall be measured after
being placed in natural conditions for 1 hour.
Temperature
Time
1
(–40±3)℃
(30±3) mins
2
Room temp.
5 S
3
(+85±3)℃
(30±3) mins
4
Room temp.
5 S
It shall fulfill the
specifications
in
Table 1.
6.5
Vibration
Subject the filter to vibration for 2 hours
each in x y and z axis with the amplitude of
1.5mm, the frequency shall be varied
uniformly between the limits of 10Hz~55Hz
and then filter shall be measured.
It shall fulfill the
specifications
in
Table 1.
6.6
Mechanical
Shock test
Apply
the
half-sine
shock
pulses:
981m/s
2,6ms for 3 times in each direction of
three mutually perpendicular planes.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
6.7
Drop test
Filter shall be measured after 3 times
random dropping from the height of 1m on
concrete floor.
No visible damage
and it shall fulfill
the
specifications
in Table 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com