Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # LT10.7MS2
Description  This specification shall cover the characteristics of the ceramic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LT10.7MS2 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  LT10.7MS2 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
5
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
(Continued from the preceding page)
No
Item
Condition of Test
Performance
Requirements
6.8
Resistance to
Soldering
Heat
Lead terminals are immersed up to 2 mm
from filter’s body in soldering bath of
(+260±5)℃ for (10±1) seconds and then
filter shall be measured after being placed
in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.9
Short
time
heat
resistance
Store in (+160±2)℃ for 2 min and then
filter shall be measured after being placed
in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.10
Solderability
Lead terminals are immersed up to 2mm
from filter’s body in soldering bath of
(+250±5)℃ for (2±0.5 )seconds.
More
than
95%
of
the
terminal
surface of the filter
shall be covered
with fresh solder.
6.11
6.11.1
6.11.2
Terminal
Strength
Terminal
Pulling
Terminal
Bending
Force of 4.9N is applied to each lead in
axial direction for (10±1) seconds.
When force of 4.9N is applied to each lead
in axial direction, the lead shall folded up
90°from the axial direction and folded
back to the axial direction. The speed of
folding shall be each 3 seconds.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
Table 1
Item
Specification after test
Center Frequency drift
±30kHz max
Insertion Loss drift
±2dB max.
3dB Band Width drift
±20kHz max.
20dB Band Width drift
±30kHz max.
Spurious Response
25 dB min
Note : The limits in the above table are referenced to the initial measurements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com