Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # LT10.7MS2
Description  This specification shall cover the characteristics of the ceramic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LT10.7MS2 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  LT10.7MS2 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
4.2 ELECTRICAL SPECIFICATIONS
Items
Content
Center Frequency
fo (MHz)
10.700±0.030
(Red)
10.670±0.030(Blue)
10.730±0.030(Orange)
3dB Band Width
(kHz)
230±50
20dB Band Width
(kHz) max
570
Insertion Loss
(dB) max
6.0
Ripple (within 3dB bandwidth) % max
1.0
Spurious Response
(dB) min
40
(9 MHz ~12MHz)
Input/Output Impedance
(Ω)
330
5. MEASUREMENT:
Measurement Conditions:
Parts shall be measured under a condition ( Temp. : 20 ℃
±15 ℃ ,Humidity
: 65%±20% R.H.) unless the standard
condition(Temp.:25℃±3℃,Humidity :65%±5% R.H.) is regulated
to measure.
Test Circuit:
Rg+R1=R2=330Ω
C=10pF(Including stray capacitance and input capacitance of RF voltmeter)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com