Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT10.7MS2 Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # LT10.7MS2
Description  This specification shall cover the characteristics of the ceramic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LT10.7MS2 Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  LT10.7MS2 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LT10.7MS2 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
6
7 PACKAGE
To protect the products in storage and transportation , it is
necessary to pack them(outer and inner package).On paper pack,
the following requirements are requested.
7.1 Dimensions and Mark
At the end of package, the warning (moisture proof, upward put)
should be stick to it.
Dimensions and Mark (see below)
NO.
Name
Quantity
Notes
1
Inner
Box
40
2
Box
2
3
Package
1
4
Adhesive tape
1.2m
5
Label
1
6
Belt
2.9m
7
Certificate of approval
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com