Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL21081AT Datasheet HTML 1Page - NXP Semiconductors SSL21081AT Datasheet HTML 2Page - NXP Semiconductors SSL21081AT Datasheet HTML 3Page - NXP Semiconductors SSL21081AT Datasheet HTML 4Page - NXP Semiconductors SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
5 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
SSL21081AT pin configuration (SO8)
Table 4.
Pin description
Symbol
Pin (SO8)
Description
HV
1
high-voltage supply pin
SOURCE
2
low-side internal switch
VCC
3
supply voltage
NTC
4
LED temperature protection input
DVDT
5
AC supply pin
GND
6; 7
ground
DRAIN
8
high-side internal switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com