Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL21081AT Datasheet HTML 1Page - NXP Semiconductors SSL21081AT Datasheet HTML 2Page - NXP Semiconductors SSL21081AT Datasheet HTML 3Page - NXP Semiconductors SSL21081AT Datasheet HTML 4Page - NXP Semiconductors SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The SSL21081AT is a high-voltage Integrated Circuit (IC) for driving LED lamps in general
mains non-dimmable lighting applications.
The main benefits are:
• Small Printed-Circuit Board (PCB) footprint; compact solution
• High efficiency (up to 95 %)
• Ease of integration
• Low electronic Bill Of Material (BOM)
The IC incorporates a 300 V MOSFET.
The IC works as boundary conduction mode converters, typically in buck configuration. It
has been designed to start up directly from the HV supply by an internal high-voltage
current source. Thereafter, the dV/dt supply is used with capacitive coupling from the drain
or any other auxiliary supply. This function provides full flexibility in the application design.
The IC consumes 1.3 mA of supply current with an internal clamp limiting the supply
voltage.
The IC provides accurate output current control with LED current accuracy within 5 %. It
can be operated using Pulse-Width Modulation (PWM) current regulation. It includes
many protection features including easy LED temperature feedback.
2.
Features and benefits
LED driver ICs for driving LED strings from a rectified mains supply
High-efficiency switch mode buck driver product family:
drivers with integrated 300 V (DC) power switches
Controller with power-efficient boundary conduction mode of operation with:
No reverse recovery losses in freewheel diode
Zero Current Switching (ZCS) for turn-on of switch
Zero voltage or valley switching for turn-on of switch
Minimal required inductance value and size
Direct PWM current regulation possible
Fast transient response through cycle-by-cycle current control:
Negligible AC mains ripple at LED current and minimal total capacitor value
No over or undershoots in the LED current
SSL21081AT
Compact non-dimmable LED driver IC
Rev. 6 — 3 October 2013
Product data sheet


Similar Part No. - SSL21081AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
GreenChip drivers for LED lighting
Rev. 2-6 December 2011
SSL21081_JP PHILIPS-SSL21081_JP Datasheet
668Kb / 21P
?녈꺍?묆궚?덆씆沃욕뀎LED ?㎪삇?ⓦ깋?⒲궎?
Rev. 1-5 June 2013
More results

Similar Description - SSL21081AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL2115X NXP-SSL2115X Datasheet
133Kb / 15P
Low-cost non-dimmable LED driver IC
Rev. 2-7 June 2012
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
NXP Semiconductors
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
75W Non Dimmable LED Driver
logo
Cirrus Logic
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
TRIAC Dimmable LED Driver IC
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com