Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081AT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors SSL21081AT Datasheet HTML 10Page - NXP Semiconductors SSL21081AT Datasheet HTML 11Page - NXP Semiconductors SSL21081AT Datasheet HTML 12Page - NXP Semiconductors SSL21081AT Datasheet HTML 13Page - NXP Semiconductors SSL21081AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
10 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
8.5 DVDT pin supply (dV/dt)
The DVDT pin is connected to an internal single-sided rectification stage. When a different
voltage with sufficient amplitude is supplied to the pin, the IC can be powered without any
other external power connection. This provides an effective method to prevent additional
high power losses, which are the result if a regulator were used for continuously powering
the IC. Unlike an auxiliary supply, additional inductor windings are not required.
8.6 VCC regulator
During supply dips, the input voltage can drop so much that it can no longer supply the
required IC current through the DVDT pin. Under these conditions, if the VCC voltage
drops to below the VCC(swon)reg level, another regulator with a current capability of up to
Isup(high)HV is started. The job of the regulator is to fill in the required supply current, which
the dV/dt supply does not deliver, thus preventing that the IC enters UVLO. When the
VCC voltage exceeds the VCC(swon)reg level, the regulator is turned off.
8.7 NTC functionality and PWM regulation
The NTC pin can be used as a control method for LED thermal protection. Alternatively,
the pin can be used as an input to disable/enable light output using a digital signal
(PWM regulation). The pin has an internal current source that generates the current of
Ioffset(NTC). An NTC resistor to monitor the LED temperature can be connected directly to
the NTC pin. Depending on the resistance value and the corresponding voltage on the
NTC pin, the converter reacts as shown in Figure 6.
During start-up, before VCC reaches VCC(startup) the voltage on the NTC pin must be less
than the minimum value of Vact(tmr)NTC. This is valid when the voltage on the NTC pin is
derived from the VCC using a resistive divider and a PTC in series with the resistor
between pins VCC and NTC.
If an NTC resistor is connected between the NTC pin and ground, the voltage on the NTC
pin is 0 V when VCC reaches VCC(startup).
Fig 6.
NTC control curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com