Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 3 Page - NXP Semiconductors

  SSL21081AT Datasheet HTML 1Page - NXP Semiconductors SSL21081AT Datasheet HTML 2Page - NXP Semiconductors SSL21081AT Datasheet HTML 3Page - NXP Semiconductors SSL21081AT Datasheet HTML 4Page - NXP Semiconductors SSL21081AT Datasheet HTML 5Page - NXP Semiconductors SSL21081AT Datasheet HTML 6Page - NXP Semiconductors SSL21081AT Datasheet HTML 7Page - NXP Semiconductors SSL21081AT Datasheet HTML 8Page - NXP Semiconductors SSL21081AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
3 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
4.
Quick reference data
[1]
An internal clamp sets the supply voltage. The current into the VCC pin must not exceed the maximum IDD
value (see Table 5).
5.
Ordering information
5.1 Ordering options
Remark: All voltages are in V (AC) unless otherwise specified.
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating range
[1] 8
-
16
V
RDSon
drain-source on-state
resistance
Tj = 25 C
2.05
2.3
2.55
Tj = 125 C
3.05
3.45
3.85
fconv
conversion frequency
-
100
-
kHz
IDRAIN
current on pin DRAIN
2
-
+2
A
VDRAIN
voltage on pin DRAIN
0.4
-
+300
V
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL21081AT
SO8
plastic small package outline body; 8 leads; body width
3.9 mm
SOT96-1
Table 3.
Ordering options
Type
Input voltage
Internal MOSFET
characteristics
Package
SSL21081AT
100 V; 120 V
300 V (DC); 2.3
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com