Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21081AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL21081AT
Description  Compact non-dimmable LED driver IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21081AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL21081AT Datasheet HTML 9Page - NXP Semiconductors SSL21081AT Datasheet HTML 10Page - NXP Semiconductors SSL21081AT Datasheet HTML 11Page - NXP Semiconductors SSL21081AT Datasheet HTML 12Page - NXP Semiconductors SSL21081AT Datasheet HTML 13Page - NXP Semiconductors SSL21081AT Datasheet HTML 14Page - NXP Semiconductors SSL21081AT Datasheet HTML 15Page - NXP Semiconductors SSL21081AT Datasheet HTML 16Page - NXP Semiconductors SSL21081AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SSL21081AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 3 October 2013
13 of 21
NXP Semiconductors
SSL21081AT
Compact non-dimmable LED driver IC
11. Characteristics
Table 7.
Characteristics
Values specified at Tamb = 25 C unless otherwise stated; all voltages are measured with respect to ground; currents are
positive. when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fconv
conversion frequency
-
100
-
kHz
High-voltage
Ileak(DRAIN)
leakage current on pin DRAIN
VDRAIN = 300 V (DC)
-
-
10
A
Ileak(HV)
leakage current on pin HV
VHV = 300 V (DC)
-
-
30
A
Supply
VCC
supply voltage
operating range
[1] 8
-
16
V
VCC(startup)
start-up supply voltage
11
12
13
V
VCC(stop)
stop supply voltage
8
9
10
V
VCC(hys)
hysteresis of supply voltage
between VCC(startup) and VCC(stop)
2
-
-
V
VCC(rst)
reset supply voltage
4.5
5
5.5
V
VCC(swon)reg
regulator switch-on supply
voltage
insufficient dV/dt supply
8.75
9.25
9.75
V
VCC(swoff)reg
regulator switch-off supply
voltage
insufficient dV/dt supply
9.5
10
10.5
V
VCC(reg)hys
regulator supply voltage
hysteresis
VCC(swoff)reg  VCC(swon)reg
0.3
-
-
V
VCC(regswon-stop) supply voltage difference
between regulator switch-on and
stop
VCC(swon)reg  VCC(stop)
0.3
-
-
V
Consumption
Istb(HV)
standby current on pin HV
during start-up or in protection;
VHV = 100 V
300
350
400
A
ICC
supply current
normal operation
-
1.3
-
mA
Capability
Isup(high)HV
high supply current on pin HV
Standby: VHV = 40 V;
VCC < VCC(stop)
1
1.3
1.6
mA
Regulator On: VHV = 40 V;
VCC < VCC(swon)reg after start-up
2
2.3
2.6
mA
Current protection
Vth(ocp)SOURCE
overcurrent protection threshold
voltage on pin SOURCE
V/t = 0.1 V/s
480
500
520
mV
V/t = 0.1 V/s; V
NTC = 0.325 V
230
250
270
mV
td(ocp-swoff)
delay time from overcurrent
protection to switch-off
V/t = 0.1 V/s
-
75
100
ns
tleb
leading edge blanking time
overcurrent protection
260
300
340
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com