Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R161 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
MicroSmart Series
24
Programmable Logic Controllers
Specifications
All-in-One
Part Number
AC Power
FC5A-C10R2
FC5A-C16R2
FC5A-C24R2
FC4A-C10R2
FC4A-C16R2
FC4A-C24R2
DC Power
FC5A-C10R2C
FC5A-C16R2C
FC5A-C24R2C
FC4A-C10R2C
FC4A-C16R2C
FC4A-C24R2C
Rated Voltage
AC power model: 100 to 240V AC, DC power model: 24V DC
Allowable Voltage Range
AC power model: 85 to 264V AC, DC power model: 20.4 to 28.8V DC (including ripple)
Rated Power Frequency
AC power model: 50/60 Hz (47 to 63 Hz)
Maximum Input Current
250mA (85V AC)
160mA (24V DC)
300mA (85V AC)
190mA (24V DC)
450mA (85V AC) 1
360mA (24V DC) 2
250mA (85V AC)
160mA (24V DC)
300mA (85V AC)
190mA (24V DC)
450mA (85V AC) 2
360mA (24V DC) 3
Maximum Power
Consumption
AC Power
FC5A-C10R2/FC4A-C10R2: 30VA (264V AC) / 20VA (100V AC) 3
FC5A-C16R2/FC4A-C16R2: 31VA (264 V AC) / 22VA (100V AC ) 3
FC5A-C24R2/FC4A-C24R2: 40VA (264V AC) / 33VA (100V AC) 1
DC Power
FC5A-C10R2C/FC4A-C10R2C: 3.9W (24V DC) 4
FC5A-C16R2C/FC4A-C16R2C: 4.6W (24V DC) 4
FC5A-C24R2C/FC4A-C24R2C: 8.7W (24V DC) 2
Allowable Momentary
Power Interruption
10ms (rated power voltage)
Dielectric Strength
Between power and
or
terminals: 1500V AC, 1 minute
Between I/O and
or
terminals: 1500V AC, 1 minute
Insulation Resistance
Between power and
or
terminals: 10 MΩ minimum (500V DC megger)
Between I/O and
or
terminals: 10 MΩ minimum (500V DC megger)
Noise Resistance
AC power terminals: 1.5 kV, 50 ns to 1μs
DC power terminals: 1.0 kV, 50 ns to 1μs
I/O terminals (coupling clamp): 1.5 kV, 50 ns to 1μs
Inrush Current
35A
40A
35A
40A
Power Supply Wire
UL1015 AWG22, UL1007 AWG18
Operating Temperature
0 to 55ºC
Storage Temperature
–25 to +70ºC (no freezing)
Relative Humidity
Level RH1 (IEC61131-2), 1 to 95% RH (no condensation)
Altitude
Operation: 0 to 2,000m, Transport: 0 to 3,000m
Pollution Degree
2 (IEC60664-1)
Corrosion Immunity
Free from corrosive gases
Degree of Protection
IP20 (IEC60529)
Grounding Wire
UL1007, AWG16
Vibration Resistance
When mounted on a DIN rail or panel surface:
5 to 9 Hz amplitude 3.5 mm, 9 to 150 Hz acceleration 9.8 m/s
2 (1G),
2 hours per axis on each of three mutually perpendicular axes (IEC61131-2)
Shock Resistance
147 m/s
2 (15G), 11ms duration, 3 shocks per axis, on three mutually perpendicular axes (IEC61131)
Weight
AC: 230g
DC: 240g
AC: 250g
DC: 260g
AC: 305g
DC: 310g
AC: 230g
DC: 240g
AC: 250g
DC: 260g
AC: 305g
DC: 310g
1. CPU module (including 250mA sensor power) + 4 I/O modules
2. CPU module + 4 I/O modules
3. CPU module (including 250mA sensor power)
4. CPU module (24V DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com