Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R161 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FC4A-R161 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MicroSmart Series
9
Programmable Logic Controllers
MicroSmart CPU Part Numbers
Slim
Appearance
Part Number
Power
I/O Points
Input
Output
Expandability
FC4A-D20RK1
24V DC
20 (12 in/8 out)
24V DC (Sink/Source)
6 Relays, 2 Transistor
Sink
244 Maximum I/O
(up to 7
expansion modules)
FC4A-D20RS1
6 Relays, 2 Transistor
Source
FC4A-D20K3
Transistor Sink
148 Maximum I/O
(up to 7
expansion modules)
FC4A-D20S3
Transistor Source
FC4A-D40K3
40 (24 in/16 out)
Transistor Sink
264 Maximum I/O
(up to 7
expansion modules)
FC4A-D40S3
Transistor Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com