Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R161 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 17Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
MicroSmart Series
25
Programmable Logic Controllers
Slim
Part Number
FC5A-D16RK1
FC5A-D16RS1
FC5A-D32K3
FC5A-D32S3
FC4A-D20K3
FC4A-D20S3
FC4A-D20RK1
FC4A-D20RS1
FC4A-D40K3
FC4A-D40S3
Control System
Stored program system
Instruction Words
35 basic
88 advanced
92 advanced
55 advanced
72 advanced
Program Capacity 1
62.4 KB (10,400 steps)
27 KB (4,500 steps)
31.2 KB (5,200 steps) 2
User Program Storage
EEPROM (10,000 times rewritable)
Processing
Time
Basic Instruction
83μs (1,000 steps)
1.65ms (1,000 steps)
END Processing 3
0.35ms
0.64ms
Expandable I/O Modules
7 modules + additional 8 modules
using the expansion power supply module
7 modules
I/O Points
Input
8
Expansion: 224
Additional: 256
16
Expansion: 224
Additional: 256
12
Expansion: 128
12
Expansion: 224
24
Expansion: 224
Output
8
16
8
8
16
Internal Relay
2,048 points
1,024 points
Shift Register
256 points
128 points
Data Register
42,000 points 4
1,300 points
Expansion Data Register
6,000 points
—
6,000 points
Counter
256 points
100 points
Timer (1-sec, 100-ms, 10-ms, 1-ms)
256 points
100 points
RAM
Backup
Backup Data
Internal relay, shift register, counter, data register, expansion data register
Backup Duration
Approx. 30 days (typical) at 25ºC after backup battery fully charged
Battery
Lithium secondary battery
Charging Time
Approx. 15 hours for charging from 0% to 90% of full charge
Battery Life
5 years
Replaceability
N/A
Self-diagnostic Function
Power failure, watchdog timer, data link connection, user program EPPROM sum check, timer/counter preset value sum
check, user program RAM sum check, keep data, user program syntax, user program writing, CPU module, clock IC, I/O
bus initialize, user program execution
Input Filter
Without filter or 3 to 15ms filter (selectable in increments of 1ms)
Catch Input/Interrupt Input
Four inputs (I2 through I5)
Minimum turn on pulse width: 5μs minimum
Minimum turn off pulse width: 5μs minimum
Four inputs (I2 through I5)
Minimum turn on pulse width: 40μs minimum
Minimum turn off pulse width: 150μs minimum
High-
speed
Counter
Maximum Counting
Frequency and High-speed Counter
Points
Total 4 points
Single/two-phase selectable: 100 KHz (2 points)
Single-phase:100 KHz (2 points)
Total 4 points
Single/two-phase selectable: 20 KHz (2 points)
Single-phase: 5 KHz (2 points)
Counting Range
0 to 4294967295 (32 bits)
0 to 65535 (16 bits)
Operation Mode
Rotary encoder mode and adding counter mode
Analog
Potentiometer
Number
1 point
Data Range
0 to 255
Analog
Voltage Input
Number
1 point
Input Voltage Range
0 to 10V DC
Input Impedance
Approx. 100kΩ
Data Range
0 to 255 (8 bits)
Pulse
Output
Number
2 points
3 points
2 points
Maximum Frequency
100KHz
20KHz
Sensor Power
Supply
Output Voltage Current
—
Overload Detection
Isolation
Port 1
RS232C (maintenance communication, user communications)
Port 2 Communication Adapter (option) 5
Possible
Possible
Possible
Possible
Possible
Clock Cartridge (option)
Possible
Possible
Possible
Possible
Possible
Memory Cartridge (option)
Possible
Possible
Possible
Possible
Possible
HMI Module (option)
Possible
Possible
Possible
Possible
Possible
1. 1 step equals 6 bytes.
2. Expandable up to 64 KB when a memory cartridge is used.
3. Not including expansion I/O service time, clock function processing time,
data link processing time, and interrupt processing time.
4. Extra data registers D10000 through D49999 are enabled using WindLDR
Function Area Settings, then run-time program download cannot be used.
5. Maintenance communication, user communication, Modem communica-
tion, data link, Modbus master/slave communication (FC5A only).
Note: The maximum number of relay outputs that can be turned on simulat-
neously is 54 including those on the CPU module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com