Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R161 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 27Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MicroSmart Series
34
Programmable Logic Controllers
Analog I/O Modules Specifications
Analog I/O Module Specifications
Part Number
FC4A-L03A1
FC4A-L03AP1
FC4A-J2A1
FC4A-K1A1
Input Points
2
2
2
—
Input Signal
Voltage input
(0 to 10V DC)
Current input
(4 to 20mA)
Thermocouple
Resistance
thermometer
Voltage input
(0 to 10V DC)
Current input
(4 to 20mA)
—
Output Points
1
1
—
1
Output Signal
Voltage output
(0 to 10V DC)
Current output
(4 to 20mA)
Voltage output
(0 to 10V DC)
Current output
(4 to 20mA)
—
Voltage output
(0 to 10V DC)
Current output
(4 to 20mA)
Power Voltage
24V DC
Allowable Voltage Range
20.4 to 28.8V DC
External Current Draw *
45mA (24V DC)
40mA (24V DC)
35mA (24V DC)
40mA (24V DC)
Connector on Mother Board
MC1.5/11-G-3.81BK (Phoenix Contact)
Connector Insertion/Removal Durability
100 times minimum
Applicable Ferrule
1 terminal: A1 0.5-8 WH, 2 terminals: A1-TWIN 2×0.5-8 WH
Internal Current Draw
50mA (5V DC)
Internal Power Consumption
0.34W (at 24V DC while all I/Os are ON)
Weight
85g
Input Circuit
NC (A)
1 kΩ
15MΩ
+ (B’)
– (B)
1 kΩ
1 kΩ
10Ω
+V2 +V1
–V1
Input
Selection
Signal
Input
Output Circuit
−
+
Part Number
FC4A-J4CN1
FC4A-J8C1
FC4A-J8AT1
FC4A-K2C1
I/O Points
4 inputs
8 inputs
8 inputs
2 outputs
Power Voltage
24V DC
Allowable Voltage Range
20.4 to 28.8V DC
Connector on Mother Board
MC1.5/11-G-3.81BK (Phoenix Contact)
Connector Insertion/Removal Durability
100 times minimum
Internal Current Draw
5V DC
30mA
30mA
30mA
45mA
24V DC
0mA
External Current Draw *
50mA (24V DC)
40mA (24V DC)
25mA (24V DC)
75mA (24V DC)
Weight
140g
140g
125g
110g
* The external current draw is the value when all the analog inputs are used and the analog output value is at 100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com