Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R161 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # FC4A-R161
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R161 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button FC4A-R161 Datasheet HTML 18Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 19Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 20Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R161 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MicroSmart Series
32
Programmable Logic Controllers
Relay Output Module Specifications
Part Number
FC4A-R081
FC4A-R161
Output Points
8 (4/1 common)
16 (8/1 common)
Output
1NO (form A)
Maximum Load Current
2A per point
7A per common
8A per common
Minimum Switching Load
0.1mA/0.1V DC (reference value)
Initial Contact Resistance
30mΩ maximum
Electrical Life
100,000 operations minimum
(rated load 1,800 operations/hour)
Mechanical Life
20,000,000 operations minimum
(no load 1,8000 operations/hour)
Rated Load
240V AC/2A (resistive load, inductive load cos ø = 0.4)
30V DC/2A (resistive load, inductive load L/R = 7ms)
Dielectric Strength
Between output and
or
terminals: 1,500V AC 1 minute
Between output terminal and internal circuit: 1,500V AC, 1 minute
Between output terminals (COMs): 1,500V AC, 1 minute
Connector
On Mother Board
MC1.5/11-G-3.81BK
(Phoenix Contact)
MC1.5/10-G-3.81BK
(Phoenix Contact)
Connector Insertion/
Removal Durability
100 times minimum
Applicable Ferrule
1-wire: A1 0.5-8 WH
2-wire: A1-TWIN 2×0.5-8 WH
Internal
Current
Draw
All outputs ON
30mA (5V DC)
40mA (24V DC)
45mA (5V DC)
75mA (24V DC)
All outputs OFF
5mA (5V DC)
0mA (24V DC)
5mA (5V DC)
0mA (24V DC)
Internal Power Consumption (at
24V DC while all outputs ON)
1.16W
2.10W
Weight
110g
145g
Combination I/O Module Specifications
Part Number
FC4A-M08BR1
FC4A-M24BR2
Input Points
4 (4/1 common)
16 (16/1 common)
Input Voltage
24V DC sink/source input signal
Input Voltage Range
20.4 to 28.8V DC
Input Current
7mA/point (24V DC)
Input Impedance
3.4kΩ
ON Voltage
15V minimum
OFF Voltage
5V maximum
ON Current
4.2mA minimum (at 15V DC)
OFF Current
1.2mA maximum
Turn ON Time
4ms (24V DC)
Turn OFF Time
4ms (24V DC)
Isolation
Between input terminals: Not isolated
Internal circuit: Photocoupler isolated
External Load for I/O Interconnection
Not needed
Signal Determination Method
Static
Effect of Improper Input Connection
Both sinking and sourcing input signals can be connected.
If any input exceeding the rated value is applied, permanent damage may be
caused.
Cable Length
3m in compliance with electromagnetic immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com