Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT815D0 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT815D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT815D0
8
March 15, 2000
That KEY1 functions as a random key is a special
case of sequential key, which combines a particu-
lar arrangement of sub-group playing sequence.
¨
Reset of KEY1 playing sequence
If a sub-group of KEY1 group is being played
and one of KEY2~KEY12 is triggered, the
playing sub-group will be terminated, and
the newly triggered key group is played in-
stead. The first sub-group will start playing
by retriggering KEY1. In other words, the
KEY1 playing sequence is reset whenever a
key other than KEY1 is triggered (see Figure
1).
¨
Sub-group selection
When KEY1 is triggered with pulses, the de-
sired sub-group can be selected by controlling
its corresponding pulse number. However,
the features of KEY1 have to be set in the fol-
lowing ways:
–
sequential or random
–
retriggerable
–
minimum key debounce time
(@700ms, fOSC=96kHz)
For instance, if sub-group 1-3 is the previous
playing group, sub-group 1-5 will start playing
after 2 pulses are applied to KEY1, and so on.
To make easy selection of KEY1 sub-groups,
one of KEY2~KEY12 should be programmed
as silence. Then this silence key has to be
triggered to reset KEY1. By so doing, the
playing sub-group of KEY1 is directly speci-
fied by the pulse number applied to KEY1
(see Figure 2).
· KEY12 as a stop key (by mask option)
When KEY12 functions as a stop key, any
voice output can be stopped by pressing
KEY12.
· KEY1~KEY11 as a repeat key
KEY1~KEY11 all function as repeat keys if
one of the eleven keys is set as a repeat key. In
other words, once the mode of one of
KEY1~KEY11 is determined, the remaining
10 keys are set accordingly.
As a repeat key, the sections included can be
played sequentially and repeatedly till other
key input is triggered. KEY12 has no other
choice but functions as a stop key when
KEY1~KEY11 are set as repeat keys.
Key features
· Key priority
When two or more keys are triggered simulta-
neously, the output voice is determined by the
key priority as shown below:
KEY1>KEY2>......KEY11>KEY12
· Key debounce time
There are four kinds of key-in debounce time
that can be selected by mask option, namely,
700ms, 22ms, 45ms and 180ms. The key
debounce time varies with the value of the sys-
tem frequency.
· Pull-high resistance
Four kinds of key input pin pull-high resis-
tance can be selected by mask option,
namely, 20kW, 50kW, 100kW and 200kW.
The resistance may vary with VDD, tem-
peratures and the chip itself due to process
variations.
· Trigger mode
All of the 12 keys can be optioned as one-shot
trigger mode, level-trigger mode or level hold
mode.
¨
One shot
When one of the 12 keys (KEY1~KEY12) is
pressed momentarily or held down, the
group corresponding to that key will play
once.
G rou p N
G rou p N
KE Y N
AU D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com