Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT815D0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 13Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 14Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Power-on play (continuous)
With volume adjustment
HT815D0
13
March 15, 2000
FL A G 2
V D D
OS C 2
OS C 1
VS S
AU D
R OS C
H T 815D 0
8050
KE Y
SW
V DD
FL A G 1
100 W ~
330 W
100 W ~
330 W
8050
SW
1k W
10 m F
V DD
FL A G 2
VD D
OS C 2
OS C 1
VS S
AU D
R OS C
H T 815D 0
KE Y1
FL A G 1
100 W ~
330 W
KE Y1 2
100 W ~
330 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com