Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT815D0 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT815D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pad Assignment
Chip size: 2270 ´ 2840 (mm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit: mm
Pad No.
X
Y
Pad No.
X
Y
1
-914.50
1216.45
11
912.80
719.65
2
-914.50
1073.05
12
912.80
858.25
3
-914.50
882.45
13
912.80
1053.65
4
-987.90
-1241.95
14
912.80
1197.25
5
-254.60
-1215.45
15
709.50
1167.75
6
-18.90
-1215.45
16
179.20
1167.75
7
411.90
-1215.45
17
22.00
1167.75
8
674.70
-1215.45
18
-156.40
1167.75
9
806.10
-1246.05
19
-734.20
1167.75
10
937.90
-1215.45
HT815D0
3
March 15, 2000
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
(0 , 0 )
KE Y1 0
KE Y1 1
KE Y1 2
VD D
KE Y4
KE Y3
KE Y2
KE Y1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com