Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT815D0 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 13Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 14Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Circuits
General application
HT815D0
11
March 15, 2000
805 0
R
V DD
* T h e I C s ubs t rat e s h oul d be c o nnec t e d t o V S S i n t h e P C B l a y o ut a rt w ork .
R= 1 0 0 W ~3 3 0 W
SP K
8 W
KEY 1
Ro s c
H T 815D 0
VD D
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
KEY4
KEY3
KEY2
KEY1
H T 815D 0
KEY 1 0
KEY 1 1
KEY 1 2
Ro s c
VD D
R
R
8050
SPK
8 W
V DD
KEY 2
KEY 3
19
20
21
22
KEY 4
KEY 5
KEY 6
KEY 7
KEY 8
KEY 9
KEY 1 0
23
24
1
2
3
4
KEY 1 1
5
KEY 1 2
6
OS C 1
11
OS C 2
8
12
14
9
7
15
16
17
18
FL A G 1
FL A G 2
AU D
NC
NC
NC
NC
NC
VSS
13
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com