Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT815D0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT815D0
Description  11.2-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT815D0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT815D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT815D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.0
V
IDD
Operating Current
3V
No load
¾
200
400
mA
ISTB
Standby Current
3V
¾¾
13
mA
IO
Max. AUD Output Current
3V
VOH=0.6V
-1.5
-2
¾
mA
IOL
FLAG Sink Current
3V
VOL=0.3V
1.5
3.0
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillating Frequency
3V
ROSC=530kW
76
96
116
kHz
HT815D0
5
March 15, 2000
Functional Description
The HT815D0 is a mask ROM type voice synthe-
sizer with 11.2-second voice capacity. A group of
pre-recorded voice sections is played upon receipt
of key trigger input signals. Two FLAG signals
are output while playing voices.
The 11.2-second voice capacity can be divided
into sections of arbitrary length. Notice that the
silence length and end-pulse width are not in-
cluded in the memory.
By using Holtek¢s programming tools, the con-
tents and arrangement of sections, key features
and FLAG output are all programmable before
device fabrication.
The IC provides 12 key inputs (KEY1~KEY12).
Of the 12 keys, KEY1 can be optioned as a di-
rect, sequential or random trigger key. KEY12
can be selected as a stop or direct key. The re-
maining 10 keys (KEY2~KEY11), are used as
direct keys exclusively.
Play function block diagram
System oscillator
The HT815D0 has a built-in RC oscillator which
requires only one external resistor for normal ap-
plications. The oscillator frequency is typically
96kHz for an external resistor of 530kW. The re-
quired oscillator frequency may vary with differ-
ent sampling rates in the process of voice
programming. As a result, the value of the oscilla-
tor resistor may be different for different items.
Ke y
t ri g ger
Ke y
f eat u res
op t i on
Ke y
fu n c ti o n
ta b l e
RO M
Vo i c e
RO M
D/ A
P l a y c o n tro l l o g i c
Fl a g
out put
V DD
H T 815D 0
OS C 1
OS C 2
R OS C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com