Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9320 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
HT9320 Series
22-Memory Tone/Pulse Dialer
1
July 21, 1999
Features
·
Universal specification
·
Operating voltag0e: 2.0V~5.5V
·
Low standby current
·
Lowmemoryretentioncurrent:0.1mA(typ.)
·
Tone/pulse switchable
·
Interface with LCD driver
·
32 digits for redialing
·
32 digits for the SA memory dialing
·
One-key redialing
·
Pause and P®T key for PBX
·
3.58MHz crystal or ceramic resonator
·
Hand-free control
·
Hold-line control
·
Pause, P®T can be saved for redialing
·
On-hook store function
·
Keytone function
·
Lock function
·
Resistor options
-
M/B ratio
-
Flash function and flash time
-
Pause and P®T duration
-
Pulse number
-
Inter-digit pause time for 10pps
·
Memory number: 22 memories
General Description
The HT9320 series tone/pulse dialers are
CMOS LSI for telecommunication systems.
They are designed to meet various dialing spec-
ifications through resistor option matrix.
The HT9320 series are offered in six different
versions. The different functions of the six ver-
sions are listed in the selection table. The
HT9320A, HT9320H versions provide the
on-hook store function; the HT9320B version
provides the LCD interface function; the
HT9320K version provides the keytone func-
tion; the HT9320L version provides both the
LCD interface function and IDD lock function.
The six versions also supply the hold-line and
hand-free functions, which are suitable for feature
phone applications.
HT9320 series provide SA, Redial and 20
one-touch/two-touch memory dialing. If the
keyboard includes M1~M20 keys it can be used
as one-touch memory dialing. Otherwise, it
works as two-touch (PAGE®M1~M10) or
three-touch(A®PAGE®0~9) memory dialing
for speed dialing in either pulse or tone mode.
Patent Number: 64097, 86474, 113235(R.O.C.), 5424740(U.S.A.)


Similar Part No. - HT9320

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9320A HOLTEK-HT9320A Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9320B HOLTEK-HT9320B Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9320C HOLTEK-HT9320C Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9320H HOLTEK-HT9320H Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
More results

Similar Description - HT9320

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
15-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
logo
UMC Corporation
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
1-Memory/2-Memory Tone/Pulse Dialer
May 13, 2009
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
15 Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
13-MEMORY TONE/PULSE DIALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com