Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9320 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Pin Description
Pin Name I/O
Internal
Connection
Description
C1~C8
R1~R5
I/O
CMOS
IN/OUT
These pins form a 5´8 keyboard matrix which can perform
keyboard input detection and dialing specification setting
functions. When on-hook (HKS=high) all the pins are set high.
While off-hook the column group (C1~C8) remains low and the
row group (R1~R5) is set high for key input detection.
For the HT9320L-X, the column group remains high and the
row group is set low for key input detection.
An inexpensive single contact 5´8 keyboard can be used as an
input device. Pressing a key connects a single column to a sin-
gle row, and actuates the system oscillator that results in a di-
aling signal output. If more than two keys are pressed at the
same time, no response occurs. The key-in debounce time is
20ms. Refer to the keyboard information for keyboard ar-
rangement and to the functional description for dialing speci-
fication selection.
X1
I
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor
and the necessary load capacitor on chip. Connecting a stan-
dard 3.579545MHz crystal or ceramic resonator to the X1 and
X2 terminals can implement the oscillator function. The oscil-
lator is turned off in the standby mode, and is actuated when-
ever a keyboard entry is detected.
X2
O
XMUTE
O
NMOS OUT
XMUTE is an NMOS open drain structure pulled to VSS dur-
ing dialing signal transmission. Otherwise, it is an open cir-
cuit. XMUTE is used to mute the speech circuit when
transmitting the dial signal.
HKS
I
CMOS IN
This pin is used to monitor the status of the hook-switch and its
combination with HFI/HDI can control the PO pin output to
makeorbreaktheline.
HKS=VDD:On-hookstate(PO=low).ExceptforHFI/HDI
(hand-free/hold-lineco ntrolinput),other
functionsarealldisabled.
HKS=VSS:Off-hookstate(PO=high).The chipisinthestand-
bymodeandreadytoreceivethekeyinput.
PO
O
CMOS OUT
This pin is a CMOS output structure which by receiving the
HKS and HFO/HDO signals, control the dialer to connect or
disconnect the telephone line.
PO outputs a low to break line when HKS is high (on-hook)
and HFO/HDO is low. PO outputs a high to make line when
HKS is low (off-hook) or HFO is high or HDO is high.
During the off-hook state, this pin also outputs the dialing
pulse train in pulse mode dialing. While in the tone mode, this
pin is always high.
HT9320
5
July 21, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com