Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT9320 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
HT9320
12
July 21, 1999
Option
Resistor
Option
Function
Default
(No Resistor)
RK51
RK61
RK71
(HT9320L)
International
Direct Dialing
Lock Selection
Normal dialing
(unlock)
M/B ratio selection table
· HT9320A
M/B Pin
M/B Ratio (%)
VSS
33.3:66.6
Floating
40:60
· HT9320B/C/K/L
RK12
M/B Ratio (%)
No
40:60
Yes
33.3:66.6
· HT9320H
M/B Pin
M/B Ratio (%)
VDD
33.3:66.6
VSS
40:60
Flash function/time (duration) selection table
· HT9320A/B/C/K/L
RK13
RK14
Flash
Function
Flash
Time (TF)
No
No
Control
600ms
No
Yes
Digit
600ms
Yes
No
Digit
98ms
Yes
Yes
Digit
300ms
· HT9320H
M/B Pin
Flash
Function
Flash Time
(TF)
VSS
Digit
600ms
VDD
Digit
100ms
Pause and P®T duration selection table
· HT9320A/B/C/K/L
RK21
TP (sec)
TP®T (sec)
No
3.6
3.6
Yes
2
1
· HT9320H
TP (sec)
TP®T (sec)
3.6
3.6
Pulse number selection table
· HT9320A/B/C/K/L
RK31
RK41
Pulse
Number
No
No
N
No
Yes
N+1
Yes
No
10-N
Yes
Yes
¾
· HT9320H
Pulse Number
N
Inter-digit-pause time for 10pps
· HT9320A/B/C/K
RK51
Inter-digit pause time
No
800ms
Yes
400ms
· HT9320H/L
Inter-digit pause time
800ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com