Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT9320 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HT9320
20
July 21, 1999
D 1 ~ D 12 = 0~ 9
Dm
Dm + 1 D m + 2 = 0 ~ 9
D l ... D n = 0 ~ 9 , * , #
No t e :
R M : R edi al m e m or y
S A M : S av e di al i ng m e m o r y
D 1 D 2 ... D n : 0 ~ 9
D n + 1 . .. D m : 0 ~ 9 , * , #
D m + 1 . .. D I: 0 ~ 9 , * , #
D I + 1 .. . D K : 0 ~ 9 , * , #
· N o te :
P e r s onal / Loc k N o . 1 / Loc k N o . 2 i nput oper at i o n
S t or e s P er s onal C ode : S T D 1 D 2 D 3 S T * 0
S t o r e s L o c k N o .1 : S T D 4 D 5 D 6 S T * 1
S t o r e s L o c k N o .2 : S T D 7 D 8 D 9 S T * 2
C hanges P er s onal C ode : S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 0
( O l d per s onal c ode)
( N ew per s o n a l c ode)
C hanges Loc k N o . 1 : S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 1
( P er s onal c ode )
( Loc k N o . 1 )
C hanges Loc k N o . 2 : S T D 1 D 2 D 3 S T # S T D 7 D 8 D 9 S T * 2
( L o ck N o . 2 )
C hanges P er s onal C ode , Loc k N o . 1 and Loc k N o . 2 a t one t i m e
( P er s onal c ode )
S T D 1 D 2 D 3 S T # S T D 4 D 5 D 6 S T * 0 ( c on t i nued)
( O l d per s onal c ode)
( N ew per s o n a l c ode)
( L o ck N o . 1 )
( L o ck N o . 2 )
- P e r s onal / Loc k N o . 1 / Loc k N o . 2 c anc el o per a t i o n
S T D 7 D 8 D 9 S T * 1 S T D 1 0 D 1 1 D 1 2 S T * 2
C anc el s P e r s o nal c ode: S T D 1 D 2 D 3 S T # S T #
0
C a n c e l s L o c k N o .1 : S T D 1 D 2 D 3 S T # S T #
1
C a n c e l s L o c k N o .2 : S T D 1 D 2 D 3 S T # S T #
2
- T e m por ar y r el eas e b o t h o f t he l o c k num ber s ( Loc k N o . 1 , L oc k N o . 2 ) :
S T D 1 D 2 D 3 S T # D m
D m + 1 D m + 2 D l ... D n
( P er s onal c ode )
( a ) P e r s onal c ode does n' t e x i s t
( b ) P e r s onal c ode ex i s t
· I D D l o c k oper at i on by t he k e yb oar d ( 2 l o c k num b e r s , 3 di gi t s / n um ber a t m a x i m u m )
( A 330k W r es i s t o r i s c onnec t ed bet w e e n C 5 and R 1 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com