Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9320
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9320 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9320 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
HT9320
15
July 21, 1999
· SA
Pressing this key can save the preceding dial-
ing telephone numbers. The saved number is
redialed if it is pressed again. SAwill also redial
the saved number if it is the first key pressed at
the off-hook state. During the dialing signal
transmission, the SA key is inhibited.
· F
The flash key can be selected as a digit or as a
control key by the option resistors RK13 &RK14.
Pressing the flash key will force the PO pin to
be ²low² for the TF duration and is then fol-
lowed by TFP (sec). TF can also be selected by
RK13,RK14.
· P
Pause key. The execution of this key can
pause the output for the TP duration. TP can
be selected by RK21.
· R
Redial key. Executes redialing as well as
one-key redial function.
· R/P
Redial and pause function key. If it is pressed
as the first key after off-hook, this key exe-
cutes the redial function. Otherwise, it works
as the pause key.
· ST
Store key. The execution of this key actuates
the store memory function with (or without)
dialing output. During the dialing signal
transmission, the ST key is inhibited.
· A
Auto key. When this key is pressed before
pressing any one of the digital keys (0~9) it
executes the two-touch/ three-touch memory
dialing function.
· PAGE
M11~M20 are represented by pressing the
PAGE key an.d the digital keys (0~9) or
M1~M10. That is to say, A PAGE digit key
(0~9) or PAGE®M1~M10 executes M11~M20
memorydialing.
· M1~M20
One-touch memory dialing for speed-dialing
in either pulse or tone mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com